PART |
Description |
Maker |
S1R11P4 S1L11P4 SL35N1 SL37N5 SL62T0 SL62S0 SR75N3 |
11 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP 35 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 37 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 62 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER 62 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 75 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 42 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 82 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 102 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 42 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP 78 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 38 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 93 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP 93 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 93 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER 92 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 108 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 34 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER 59 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 65 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 106 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP 106 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 106 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 73 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 79 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP 103 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP 105 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 74 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP 102 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP 102 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 107 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP 107 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 107 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 100 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 100 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 14 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 111 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP 87 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 87 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP 87 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 101 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP 101 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER 101 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 27 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP
|
Molex, Inc. MOLEX INC
|
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
15-83-0516 |
Connector; No. of Contacts:16; Pitch Spacing:0.05"; No. of Rows:1; Mounting Type:Cable; Gender:Plug 16 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG
|
Molex, Inc.
|
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
M80-5L10642M5-03-313-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contacts 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5C10605M2-02-336-02-336 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews 3.5mm board mount, 6 x Small bore signal contacts, 4 x 14 AWG Power contacts
|
HARWIN INC
|
MP62X-1000S MP62RX-1000S MP44X-5000 |
2 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, PLUG ROHS COMPLIANT 4 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP, PLUG
|
Samtec, Inc.
|
M80-5D1120500-01-317-01-317 |
Datamate 2-Row Mix-Tek Male Crimp Connector, No jackscrews, 12 x Large bore signal contacts, 2 x ?2.7mm Crimp Coax contacts
|
HARWIN INC
|
75018-0025 75126-2001 75018-0024 |
HS Dock Fixed Conn 8.74CL 108Ckt NoGnd 108 CONTACT(S), MALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG H.S. Dock Interposer w/8.74mm centerline 144 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, PLUG HS Dock Fixed Conn 4.74CL 108Ckt NoGnd 108 CONTACT(S), MALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG
|
Molex, Inc.
|
39-01-3109 39-01-3129 39-01-3066 15-04-6020 39-01- |
Multipole Connector; Gender:Male; No. of Contacts:10; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:2; Pitch Spacing:0.165" 10 CONTACT(S), MALE, POWER CONNECTOR, PLUG MiniFitJrPlg FreeHng /DH V-0 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, PLUG Multipole Connector; Gender:Male; No. of Contacts:6; Series:Mini-Fit Jr.; No. of Rows:2 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG MINI FIT JR SERIES PLUS W/O MTG.EARS MiniFit Jr Plug 2Ckt MiniFitJrPlg FreeHng /DH V2 Blk 2Ckt
|
Molex, Inc. Molex Electronics Ltd. MOLEX INC
|
LZ2515H-D64 LZ2534H-D64 LZ2540H-D64 LZ2550H-D64 LZ |
30 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG 68 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG LEAD FREE 80 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG LEAD FREE 100 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG LEAD FREE 40 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG 50 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG 60 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG LEAD FREE
|
Foxconn Technology Co., Ltd.
|
|